전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIDA63 데이터시트(PDF) 1 Page - Vitec Power

부품명 SIDA63
상세설명  63W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  Vitec [Vitec Power]
홈페이지  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA63 데이터시트(HTML) 1 Page - Vitec Power

  SIDA63 Datasheet HTML 1Page - Vitec Power SIDA63 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA63 SERIES
63W Desktop Power Supply for Industrial Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– IEC-320-C14 input inlet
– Output Voltage Available From 12VDC Thru 50VDC
– Operating temperature -20~70°C
– Class I Insulation
– Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
– Altitude:0-10,000 feet
– CEC Level V, Energy Star 2.0,and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIDA63-S05
12 ~ 14 VDC
4.75 ~ 4.07 A
5%
57W
SIDA63-S06
15 ~ 16 VDC
4.20 ~ 3.94 A
5%
63W
SIDA63-S07
16 ~ 21 VDC
3.94 ~ 3.00 A
5%
63W
SIDA63-S08
21 ~ 27 VDC
3.00 ~ 2.33 A
5%
63W
SIDA63-S09
27 ~ 33 VDC
2.33 ~ 1.91 A
5%
63W
SIDA63-S10
33 ~ 40 VDC
1.91 ~ 1.58 A
3%
63W
SIDA63-S11
40 ~ 50 VDC
1.58 ~ 1.26 A
3%
63W
Total Regulation is conditioned by below configuration
(S05: AWG16/4FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.7
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
31
35
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
62
70
A
Efficiency
Io=Full Load, Vin=230VAC
84
88
91
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0.1
0.5
W


유사한 부품 번호 - SIDA63

제조업체부품명데이터시트상세설명
logo
Vitec Power
SIDA63-S05 Vitec-SIDA63-S05 Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
SIDA63-S06 Vitec-SIDA63-S06 Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
SIDA63-S07 Vitec-SIDA63-S07 Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
SIDA63-S08 Vitec-SIDA63-S08 Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
SIDA63-S09 Vitec-SIDA63-S09 Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
More results

유사한 설명 - SIDA63

제조업체부품명데이터시트상세설명
logo
Vitec Power
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SIDA63-SERIES Vitec-SIDA63-SERIES Datasheet
377Kb / 2P
63W Desktop Power Supply for Industrial Equipment
SMDA60B-SERIES Vitec-SMDA60B-SERIES Datasheet
372Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63A Vitec-SHDA63A Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B Vitec-SHDA63B Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63C Vitec-SHDA63C Datasheet
355Kb / 2P
63W Desktop Power Supply for Medical Equipment
STDA63 Vitec-STDA63 Datasheet
378Kb / 2P
63W Desktop Power Supply for I.T. Equipment
SMDA60A Vitec-SMDA60A Datasheet
353Kb / 2P
63W Desktop Power Supply for Medical Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com