| 전자부품 데이터시트 검색엔진 |
|
RT8092BAGWSC 데이터시트(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT8092BAGWSC 데이터시트(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 27 page ![]() RT8092 2 DS8092-03 January 2017 www.richtek.com © Copyright 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Applications Cellular Telephones Personal Information Appliances Wireless and DSL Modems MP3 Players Portable Instruments Dedicated Hardware Pin to Immediately Switch Nominal Output Voltage Setting Output Discharging when Turning Off Over-Current Protection OC Level Settable Over-Temperature Protection Integrated Soft-Start Function Enabling Control by Enable Pin and I 2C Register Setting by Software I 2C Interface I 2C Communication allowed Even in Off-State (EN = L) Support Fast Mode (400kbps) Registers Setting Retained in Off-State (EN = L) RoHS Compliant and Halogen Free Marking Information For marking information, contact our sales representative directly or through a Richtek distributor located in your area. Ordering Information Note : Richtek products are : RoHS compliant and compatible with the current require- ments of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. RT8092 Package Type WSC : WL-CSP-15B 1.2x2 (BSC) QW: WQFN-14L 3.5x3.5 (W-Type) Lead Plating System G : Green (Halogen Free and Pb Free) (For WQFN-14L 3.5x3.5 Only) VSEL Option VSEL = High / Low, the target voltage follows as below table. Default : 2.8V / 1V JC : 1.8V / 1.2V UR : 2.8V / 2.5V BA : 1.1V / 1.0V BC : 1.1V / 1.2V WA : 3.0V / 1.0V DC : 1.3V / 1.2V XY : 0.9V / 0.8V |