전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC6155 데이터시트(PDF) 5 Page - First Components International

부품명 FC6155
상세설명  150mA Low - Noise LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

FC6155 데이터시트(HTML) 5 Page - First Components International

  FC6155 Datasheet HTML 1Page - First Components International FC6155 Datasheet HTML 2Page - First Components International FC6155 Datasheet HTML 3Page - First Components International FC6155 Datasheet HTML 4Page - First Components International FC6155 Datasheet HTML 5Page - First Components International FC6155 Datasheet HTML 6Page - First Components International FC6155 Datasheet HTML 7Page - First Components International FC6155 Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information
Enable/ Shutdown
Forcing EN (enable/ shutdown) high (>2V) enables the regulator. EN is compatible with CMOS logic gates. If
enable shutdown feature is not required, connect EN (pin 3) to IN (supply input, pin 1). See Figure 3.
Input Capacitor
A 1µF capacitor should be placed from IN to GND if there is more than 10 inches of wire between the input
and the acfilter capacitor or if a battery is used as the input .
Reference Bypass Capacitor
BYP (reference bypass) is connected to the internal voltage reference. A 470pF capacitor (C
) connected
BYP
from BYP to GND quiets this reference, providing a significant reduction in output noise. C
reduces the
BYP
regulator phase margin, when using C
, output capacitors of 2.2µF or greater are generally required to
BYP
maintain stability.
The start-up speed of 6155 is inversely proportional to the size of the reference bypass capacitor.
Applications requiring a slow ramp-up of output voltage should consider larger values of C
. Likewise, if
BYP
rapid turn-on is necessary, consider omitting C
.
BYP
If output noise is not a major concern, omit C
and leave BYP open.
BYP
Output Capacitor
An output capacitor required between OUT and GND to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference bypass capacitor is used. 1.0µF minimum is recommended
when C
is not used (see Figure 2). 2.2µF minimum is recommended when C
is 470pF (see Figure 1).
BYP
BYP
Larger values improve the regulator's transient response, the output capacitor value may be increased
without limit.
The output capacitor should have an ESR (effective series resistance) of about 5W or less and a resonant
frequency above 1MHz. Ultra-low-ESR capacitors can cause a low amplitude oscillation on the output and/
or underdamped transient response. Most tantalum or aluminum electrolytic capacitors are adequate; film
types will work, but more expensive. Since many aluminum electrolytics have electrolytes that freeze at
about -30°C, solid tantalums ate recommended for operation below -25°C.
At lower values for output current, less output capacitance is required for output stability. The capacitor can
be reduced to 0.47µF for current below 10mA or 0.33µF for current below 1mA.
No-Load Stability
6155 will remain stable and in regulation with no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially important in CMOS RAM keep-alive applications.
Thermal Considerations
6155 is designed to provide 150mA of continuous current in a very small package. Maximum power
dissipation can be calculated based on the output current and the voltage drop across the part. To determine
the maximum power dissipation of the package, use the junction-to-ambient thermal resistance of the device
and the following basic equation:
T
is the maximum junction temperature of the die, 125°C, and T is the ambient operating temperature.
J(max)
A
R
is layout dependent; Table 1 shows examples of junction-to-ambient thermal resistance for the 6155.
qJA
P
=
D(max)
(T
- T )
J(max)
A
JA
Rq
FC6155 150mA Low - Noise LDO Regulator



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com