전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF10100CT 데이터시트(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

부품명 MBRF10100CT
상세설명  Schottky Diode in a TO-220F Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
홈페이지  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRF10100CT 데이터시트(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRF10100CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF10100CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF10100CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF10100CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF10100CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRF10100CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRF10100CT
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
Peak Reverse Voltage
VRRM
VRWM
VRM
100
V
RMS Reverse current
VR(RMS)
70
V
Average Forward Current
IF(AV)
2×5
A
Non Repetitive Peak Surge Current
IFSM
125
A
Thermal Resistance Junction to Case
RθJc
4
/W
Junction Temperature Range
Tj, MAX
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
VR
IR=0.3mA
100
V
Forward Voltage
VF
IF =5A(Tj=25℃)
0.85
V
IF =5A(Tj=125℃)
0.75
V
IF =10A(Tj=25℃)
0.95
V
IF =10A(Tj=125℃)
0.85
V
Instantaneous Reverse Current
IR
VR=100V(Tj=25℃)
10
uA
VR=70V(Tj=125℃)
1.0
mA
VR=100V(Tj=125℃)
5.0
mA
注/Notes:
1. 使用极短的测试时间,以尽量减少自热效应。/Short duration pulse test used to minimize self-heating
effect.
2.
 除非特别注明,数值为一个芯片的参数。/ Unless otherwise noted, values for the parameters of a
single chip
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com