| 전자부품 데이터시트 검색엔진 |
|
M2011SA1 데이터시트(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
M2011SA1 데이터시트(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
11 / 28 page ![]() Series M Bushing Mount Miniature Toggles A62 A www.nkkswitches.com TYPICAL SWITCH DIMENSIONS Solder Lug Single Pole M2012SS1W01 M2011 model does not have terminal 1. Solder Lug Double Pole M2022SS1W01 M2021 model does not have terminals 1 & 4. Solder Lug Three Pole Solder Lug Four Pole M2032SS1W01 M2042SS1W01 Keyway (7.9) .311 25° 1/4-40 Thd (1.1) x (2.0) Typ .043 x .079 (4.7) Typ .185 (0.8) Typ .031 (0.5) Typ .020 (4.5) .177 (9.4) .371 (0.9) .035 (8.9) .350 (10.5) .413 (2.8) Dia .110 (13.0) .512 (2.0) .079 1 2 3 6 5 4 1 2 3 (13.0) .512 (2.0) Typ .079 (4.8) .189 25° 1/4-40 Thd (1.1) x (2.0) Typ .043 x .079 (4.7) Typ .185 (0.8) Typ .031 (0.5) Typ .020 (4.5) .177 (9.4) .371 (0.9) .035 (8.9) .350 (10.5) .413 (2.8) Dia .110 Keyway (12.7) .500 6 5 4 1 2 3 (13.0) .512 (2.0) Typ .079 (4.8) Typ .189 9 8 7 25° 1/4-40 Thd (1.1) x (2.0) Typ .043 x .079 (4.7) Typ .185 (0.8) Typ .031 (0.5) Typ .020 (4.5) .177 (11.5) .453 (0.9) .035 (8.9) .350 (10.5) .413 (2.8) Dia .110 Keyway (17.5) .689 Keyway (22.3) .878 25° 1/4-40 Thd (1.1) x (2.0) Typ .043 x .079 (4.7) Typ .185 (0.8) Typ .031 (0.5) Typ .020 (4.5) .177 (11.5) .453 (0.9) .035 (8.9) .350 (10.5) .413 (2.8) Dia .110 (13.0) .512 (2.0) Typ .079 (4.8) Typ .189 6 5 41 2 3 9 8 7 10 11 12 |