전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RAC05-3.3SC 데이터시트(PDF) 3 Page - Recom International Power

부품명 RAC05-3.3SC
상세설명  5 Watt Single / Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-3.3SC 데이터시트(HTML) 3 Page - Recom International Power

  RAC05-3.3SC Datasheet HTML 1Page - Recom International Power RAC05-3.3SC Datasheet HTML 2Page - Recom International Power RAC05-3.3SC Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RAC05-S_DC
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Single 50.90 / Dual 53.5
15.65
5.0
45.72
6.1
0.75±0.25
Single 25.5 / Dual 27.8
20.32
0.75±0.25
Single 12.75
/ Dual 13.9
10.16
10.16
1
2
3
4
5
10.16
10.16
Bottom View
Top View
1
2
3
4
(5)
2.54
2.54
10.0
This area avoid I/O PCB trace or components
1.2+0.2/-0.1
Single 50.90 / Dual 53.5
15.65
5.0
45.72
88.0
0.75±0.25
10.0
1.0mm
Pin Connections
Pin #
Single Out
Dual Out
1
VAC in (N)
VAC in (N)
2
VAC in (L)
VAC in (L)
3
+VDC out
+VDC out
4
-VDC out
Com
5
no Pin
-VDC out
NC = No Connection
xx.x = ±0.5mm
xx.xx = ±0.25mm
Wire Connections
Pin #
Single out
Dual out
1 (Blue)
AWG#22
1015
VAC in (N)
VAC in (N)
2 (Brown) AWG#22
1015
VAC in (L)
VAC in (L)
3 (Red)
AWG#22
1007
+VDC out
+VDC out
4 (Black)
AWG#22
1007
-VDC out
Common
5 (Orange) AWG#22
1007
no Wire
-VDC out
NC = No Connection
xx.x = ±0.5mm
xx.xx = ±0.25mm
Recommended Footprint Details
PCB Mout Version (Standard)
Wire Version with Suffix „/W“ (Standard)
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-32
www.recom-power.com
REV: 0/2015



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com