전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3DBV40A 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI3DBV40A
상세설명  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40A 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3DBV40A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Figure 4. 3DVB40 -3dB Bandwidth versus CL
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
CL in pF



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com