전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PICDEM2 데이터시트(PDF) 16 Page - Microchip Technology

부품명 PICDEM2
상세설명  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 데이터시트(HTML) 16 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 12Page - Microchip Technology PICDEM2 Datasheet HTML 13Page - Microchip Technology PICDEM2 Datasheet HTML 14Page - Microchip Technology PICDEM2 Datasheet HTML 15Page - Microchip Technology PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology PICDEM2 Datasheet HTML 19Page - Microchip Technology PICDEM2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 11
PICDEM 2 USER’S GUIDE
12
Chapter 4. A/D Demo
The a2d.asm program is a simple implementation of the analog-to-digital
(A/D) converter. The program reads A/D channel 0 and displays the results on
the LEDs connected to PORTB. If the potentiometer is turned all the way
clockwise, all of the LEDs are off. If the potentiometer is turned all the way
counter-clockwise, all of the LEDs are turned on. The program is interrupt
driven, i.e., the program sits in an infinite loop until the A/D converter
interrupts when the conversion is complete and then updates the values on
the PORTB LEDs.
For more information on A/D module operation, please refer to the PICmicro
Mid-range MCUFamily Reference Manual for an operational description and a
list of related application notes. For detailed information on the PICDEM 2
hardware, please refer to Appendix A.
Figure 4.1: A/D Demo
PICDEM 2 DEMO BOARD
U1
PIC16C64/74
RA0
RN1
7
6
5
4
3
2
10
RN2
PORT B
©1994
FFh
00h
POTENTIOMETER
LEDs
U2
PIC16C73
(28-pin Device)
(40-pin Device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60