| 전자부품 데이터시트 검색엔진 |
|
SN74LS240 데이터시트(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS240 데이터시트(HTML) 1 Page - ON Semiconductor |
|
1 / 8 page ![]() © Semiconductor Components Industries, LLC, 2000 August, 2000 – Rev. 7 1 Publication Order Number: SN74LS240/D SN74LS240, SN74LS244 Octal Buffer/Line Driver with 3-State Outputs The SN74LS240 and SN74LS244 are Octal Buffers and Line Drivers designed to be employed as memory address drivers, clock drivers and bus-oriented transmitters/receivers which provide improved PC board density. • Hysteresis at Inputs to Improve Noise Margins • 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers • Input Clamp Diodes Limit High-Speed Termination Effects GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 4.75 5.0 5.25 V TA Operating Ambient Temperature Range 0 25 70 °C IOH Output Current – High –3.0 mA –15 mA IOL Output Current – Low 24 mA LOW POWER SCHOTTKY Device Package Shipping ORDERING INFORMATION SN74LS240N PDIP–20 1440 Units/Box SN74LS240DW SOIC–20 http://onsemi.com 2500/Tape & Reel PDIP–20 N SUFFIX CASE 738 20 1 20 1 SN74LS244N PDIP–20 1440 Units/Box SN74LS244DW SOIC–20 2500/Tape & Reel x = 0 or 4 A = Assembly Location WL = Wafer Lot YY = Year WW = Work Week SN74LS24xN AWLYYWW MARKING DIAGRAMS LS24x AWLYYWW SOIC–20 DW SUFFIX CASE 751D 1 1 |
유사한 부품 번호 - SN74LS240 |
|
유사한 설명 - SN74LS240 |