| 전자부품 데이터시트 검색엔진 |
|
MPC7457EC 데이터시트(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7457EC 데이터시트(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 68 page ![]() MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5 10 Freescale Semiconductor General Parameters 4 General Parameters The following list provides a summary of the general parameters of the MPC7457: Technology 0.13 µm CMOS, nine-layer metal Die size 9.1 mm × 10.8 mm Transistor count 58 million Logic design Fully-static Packages MPC7447: Surface mount 360 ceramic ball grid array (CBGA) MPC7457: Surface mount 483 ceramic ball grid array (CBGA) Core power supply 1.3 V ±50 mV DC nominal I/O power supply 1.8 V ±5% DC, or 2.5 V ±5% DC, or 1.5 V ±5% DC (L3 interface only, not implemented on MPC7447) 5 Electrical and Thermal Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC7457. 5.1 DC Electrical Characteristics The tables in this section describe the MPC7457 DC electrical characteristics.Table 2 provides the absolute maximum ratings. Table 2. Absolute Maximum Ratings 1 Characteristic Symbol Maximum Value Unit Notes Core supply voltage VDD –0.3 to 1.60 V 2 PLL supply voltage AVDD –0.3 to 1.60 V 2 Processor bus supply voltage BVSEL = 0 OVDD –0.3 to 1.95 V 3, 4 BVSEL = HRESET or OVDD OVDD –0.3 to 2.7 V 3, 5 L3 bus supply voltage L3VSEL = ¬HRESET GVDD –0.3 to 1.65 V 3, 6 L3VSEL = 0 GVDD –0.3 to 1.95 V 3, 7 L3VSEL = HRESET or GVDD GVDD –0.3 to 2.7 V 3, 8 Input voltage Processor bus Vin –0.3 to OVDD + 0.3 V 9, 10 L3 bus Vin –0.3 to GVDD + 0.3 V 9, 10 JTAG signals Vin –0.3 to OVDD + 0.3 V |