전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XR33152IDEVB 데이터시트(PDF) 14 Page - Exar Corporation

부품명 XR33152IDEVB
상세설명  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XR33152IDEVB 데이터시트(HTML) 14 Page - Exar Corporation

Back Button XR33152IDEVB Datasheet HTML 10Page - Exar Corporation XR33152IDEVB Datasheet HTML 11Page - Exar Corporation XR33152IDEVB Datasheet HTML 12Page - Exar Corporation XR33152IDEVB Datasheet HTML 13Page - Exar Corporation XR33152IDEVB Datasheet HTML 14Page - Exar Corporation XR33152IDEVB Datasheet HTML 15Page - Exar Corporation XR33152IDEVB Datasheet HTML 16Page - Exar Corporation XR33152IDEVB Datasheet HTML 17Page - Exar Corporation XR33152IDEVB Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
13/19
REV2B
Applications Information (Continued)
Figure 8. Driver Enable and Disable Timing Test Circuits and Timing Diagrams
D
VOUT
RL
CL
DE
TESTING Z: DI = OV
TESTING Y: DI = VCC
Y
Z
D
VOUT
RL
VCC
CL
DE
TESTING Z: DI = VCC
TESTING Y: DI = OV
Y
Z
VOUT
DE
1.5V
1.5V
3V
tDZH
VOH + VOL
VOH – 0.25V
2
tDHZ
OV
VOH
VOL
VOUT
DE
1.5V
1.5V
3V
tDZL
VOH + VOL
VOL + 0.25V
2
tDLZ
OV
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com