전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXMP3A13F 데이터시트(PDF) 7 Page - Zetex Semiconductors

부품명 ZXMP3A13F
상세설명  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP3A13F 데이터시트(HTML) 7 Page - Zetex Semiconductors

  ZXMP3A13F Datasheet HTML 1Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 2Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 3Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 4Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 5Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 6Page - Zetex Semiconductors ZXMP3A13F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZXMP3A13F
PROVISIONAL ISSUE C - JULY 2004
7
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex plc
Lansdowne Road, Chadderton
Oldham, OL9 9TY
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2004
PACKAGE OUTLINE
PAD LAYOUT
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Max
Max
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
1.10
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com