전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SK220LHT 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SK220LHT
상세설명  20V, 2A Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK220LHT 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK220LHT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK220LHT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SK220LHT
20V, 2A
Surface Mount Schottky Barrier Rectifiers
27-Jul-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
L22
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
High current density
Low power losses
High efficiency
Low forward voltage drop
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
V
Maximum RMS Voltage
VRMS
14
V
Maximum Continuous Reverse Voltage
VR
20
V
Maximum Average Forward Rectified Current@ see fig.2
IO
2
A
Non-Repetitive Peak Forward Surge Current@ 8.3 ms single half
sine-wave (JEDEC method)
IFSM
50
A
Maximum Instantaneous Forward Voltage@ IF=2A
VF
0.38
V
Maximum Reverse Leakage Current
at Rated VR@ VR= VRRM, TJ=25°C
IR
1
mA
Typical Thermal Resistance from Junction to Lead
1
RθJL
31
°C / W
Typical Junction Capacitance@ f=1MHz, 4V DC reverse voltage
CJ
160
pF
Operating Junction and Storage Temperature
TJ, TSTG
100, -65~175
°C
Notes:
1.
The device is mounted on a FR-4 PCB with a recommended minimum copper pad.
SOD-123HT
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.3
3.7
H
0.6 TYP.
B
1.4
1.8
I
0.6
0.8
C
0.3 TYP.
J
0.75
0.85
D
0.6
1.0
K
1.0
1.2
E
0.1 TYP.
L
1.1
1.3
F
0.8 TYP.
M
2.0 TYP.
G
1.0
1.2


유사한 부품 번호 - SK220LHT

제조업체부품명데이터시트상세설명
logo
SMC Diode Solutions Co....
SK220LA SMCDIODE-SK220LA Datasheet
243Kb / 4P
SK220LA SCHOTTKY RECTIFIER
Rev. A
More results

유사한 설명 - SK220LHT

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK22A CITC-SK22A Datasheet
164Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com