| 전자부품 데이터시트 검색엔진 |
|
74LVC2G86 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G86 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 15 page ![]() 9397 750 14506 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 7 February 2005 5 of 15 Philips Semiconductors 74LVC2G86 Dual 2-input exclusive-OR gate 9. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation. 10. Recommended operating conditions Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +6.5 V VI input voltage [1] −0.5 +6.5 V VO output voltage Active mode [1] −0.5 VCC + 0.5 V Power-down mode [1] [2] −0.5 +6.5 V IIK input diode current VI <0V - −50 mA IOK output diode current VO >VCC or VO <0V - ±50 mA IO output source or sink current VO = 0 V to VCC - ±50 mA ICC, IGND VCC or GND current - ±100 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C - 300 mW Table 7: Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 1.65 - 5.5 V VI input voltage 0 - 5.5 V VO output voltage Active mode 0 - VCC V Power-down mode; VCC =0V 0 - 5.5 V Tamb ambient temperature −40 - +125 °C tr, tf input rise and fall times VCC = 1.65 V to 2.7 V 0 - 20 ns/V VCC = 2.7 V to 5.5 V 0 - 10 ns/V |