전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G920CT25U 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 G920CT25U
상세설명  150mA Micro-power LDO Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

G920CT25U 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  G920CT25U Datasheet HTML 1Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 2Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 3Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 4Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 5Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 6Page - List of Unclassifed Manufacturers G920CT25U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ver 0.0 Preliminary
Mar 27, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G920
Global Mixed-mode Technology Inc.
150mA Micro-power LDO Regulators
Features
Supply Current at No-Load is 55µA
Minimum Over-Current Limit: 150mA
Dropout Voltage is 70mV @ 50mA Load
Built-in Over-Temperature Protection
Fixed: 3.3V Output
Max. Supply Current in Shutdown Mode < 1µA
Output Noise is 210µVRMS from 10Hz to 1MHz
Applications
Notebook Computers
Cellular Phones
PDA
Hand-Held Devices
General Description
The G920 is a low supply current, low dropout linear
regulator that comes in a space saving SO-8 package.
The supply current at no-load is 55µA. In the shut-
down mode, the maximum supply current is less than
1µA. operating voltage range of the G920 is from 3.6V
to 6.5V. The over-current protection limit is set at
250mA typical and 150mA minimum. An over-tem-
perature protection circuit is built-in in the G920 to
prevent
thermal
overload.
These
power
saving
features make the G920 ideal for use in the bat-
tery-powered applications such as notebook com-
puters, cellular phones, and PDA’s.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
G920
-40°C~ +85°C
SOP- 8
Pin Configuration
Typical Operating Circuit
GND
GND
8 Pin SOP
G920
8
5
1
NC
2
4
IN
EN
IN
OUT
GND
EN
G920
C
IN
1µF
C
OUT
1µF
Fixed mode
3
GND
6
GND
7
OUT
V
IN
5V
V
OUT
3.3V/150mA
GND
GND
8 Pin SOP
G920
8
5
1
NC
2
4
IN
EN
IN
OUT
GND
EN
G920
C
IN
1µF
C
OUT
1µF
Fixed mode
3
GND
6
GND
7
OUT
V
IN
5V
V
OUT
3.3V/150mA


유사한 부품 번호 - G920CT25U

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G920CT25U GMT-G920CT25U Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
More results

유사한 설명 - G920CT25U

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
SOT23-6 150mA 2ch LDO REGULATORS?
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7