| 전자부품 데이터시트 검색엔진 |
|
RT9801AGE 데이터시트(PDF) 4 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9801AGE 데이터시트(HTML) 4 Page - Richtek Technology Corporation |
|
4 / 9 page ![]() RT9801A/B 4 DS9801A/B-13 April 2011 www.richtek.com Table 1: Pin Conditions for Programmable Threshold Voltage Setting RT9801A RT9801B VSET0 VSET1 VSET2 5.0 4.0 H H H 4.9 3.9 H H F 4.8 3.8 H H L 4.7 3.7 H F H 4.6 3.6 H F F 4.5 3.5 H F L 4.4 3.4 H L H 4.3 3.3 H L F 4.2 3.2 H L L 4.1 3.1 F H H 4.0 3.0 F H F 3.9 2.9 F H L 3.8 2.8 F F H 3.7 2.7 F F F 3.6 2.6 F F L 3.5 2.5 F L H 3.4 2.4 F L F 3.3 2.3 F L L 3.2 2.2 L H H 3.1 2.1 L H F 3.0 2.0 L H L 2.9 1.9 L F H 2.8 1.8 L F F 2.7 1.7 L F L 2.6 1.6 L L H 2.5 1.5 L L F Note : 1. H : Connected to VDD 2. L : Connected to GND 3. F : Floating |