| 전자부품 데이터시트 검색엔진 |
|
MPXM2202AT1 데이터시트(PDF) 37 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2202AT1 데이터시트(HTML) 37 Page - Motorola, Inc |
|
37 / 670 page ![]() 2–1 Motorola Sensor Device Data www.motorola.com/semiconductors Acceleration Sensor Products Section Two Accelerometer Overview: Motorola’s series of acceleration sensors incorporate a surface micromachined structure. The force of acceleration moves the seismic mass, thereby changing the g–cell’s capacitance. Coupled with the g–cell is a control chip to pro- vide the accelerometer with signal amplification, signal conditioning, low pass filter and temperature compensation. With Zero–g offset, sensitivity and filter roll–off that is factory set, the device requires only a few external passives. In fact, this acceleration sensor device offers a calibrated self–test feature that mechanically displaces the seismic mass with the application of a digital self–test signal. The g–cell is hermetically sealed at the die level, creating a particle–free environment with features such as built in damping and over–range stops to protect it from mechanical shock. These acceleration sensors are rugged, highly accurate and feature X, XY, and Z axis of sensitivity. Motorola’s acceleration sensors are economical, accurate and highly reproducible for the ideal sensing solution in auto- motive, industrial, commercial and consumer applications. Mini Selector Guide 2–2 . . . . . . . . . . . . . . . . . . . . . . . . . Device Numbering System 2–2 . . . . . . . . . . . . . . . . . . Sensor Applications 2–3 . . . . . . . . . . . . . . . . . . . . . . . . . Acceleration Sensor FAQ’s 2–4 . . . . . . . . . . . . . . . . . . Data Sheets MMA1200D 2– 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA1201P 2–12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA1220D 2– 18 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA1250D 2–24 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA1260D 2–30 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA1270D 2–36 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA2201D 2– 42 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA2202D 2– 48 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MMA3201D 2– 55 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Application Notes AN1559 2– 62 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1611 2–65 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1612 2–77 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1632 2– 84 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1635 2– 89 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1640 2–101 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN1925 2– 104 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case Outlines 2–107 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Glossary of Terms 2–109 . . . . . . . . . . . . . . . . . . . . . . . . . Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |