전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3A 데이터시트(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 S3A
상세설명  3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

S3A 데이터시트(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  S3A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd S3A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
S3A-S3M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
S3A-S3M
0
1.5
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0.5
1.0
2.0
2.5
25
50
75
100
125
150
3.0
Resistive or
Inductive Load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (% )
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
JEDEC Method
80
100
120
0.01
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0
0.4
0.8
1.0
1.4
1.8



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com