전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP856LED03 데이터시트(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 TP856LED03
상세설명  WBFBP-03E Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TP856LED03 데이터시트(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TP856LED03 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP856LED03 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP856LED03 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd TP856LED03 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3DFNDJH2XWOLQH'LPHQVLRQV
WBFBP-03E 6XJJHVWHG3DG/D\RXW
WBFBP-03E
Min.
Max.
Min.
Max.
A
0.450
0.550
0.018
0.022
A1
0.010
0.100
0.000
0.004
D
0.950
1.050
0.037
0.041
E
0.550
0.650
0.022
0.026
D1
E1
b
0.270
0.370
0.011
0.015
b1
0.100
0.200
0.004
0.008
e
e1
0.300
0.400
0.012
0.016
L
0.200
0.300
0.008
0.012
L1
L2
0.270
0.370
0.011
0.015
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.018REF.
0.450REF.
0.450REF.
0.018REF.
0.050REF.
0.002REF.
0.635REF.
0.025REF.
www.cj-elec.com
3
www.cj-elec.com
A-2,Nov,2016



Html Pages

1 2 3 4