전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC24C02B 데이터시트(PDF) 13 Page - E-CMOS Corporation

부품명 EC24C02B
상세설명  2Kbit I2C SERIAL EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02B 데이터시트(HTML) 13 Page - E-CMOS Corporation

Back Button EC24C02B Datasheet HTML 9Page - E-CMOS Corporation EC24C02B Datasheet HTML 10Page - E-CMOS Corporation EC24C02B Datasheet HTML 11Page - E-CMOS Corporation EC24C02B Datasheet HTML 12Page - E-CMOS Corporation EC24C02B Datasheet HTML 13Page - E-CMOS Corporation EC24C02B Datasheet HTML 14Page - E-CMOS Corporation EC24C02B Datasheet HTML 15Page - E-CMOS Corporation EC24C02B Datasheet HTML 16Page - E-CMOS Corporation EC24C02B Datasheet HTML 17Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
EC24C02B
2Kbit I
2C SERIAL EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 17
5F12N-Rev. F002
OUTLINE DRAWING PDIP-8L
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per
side.
JEDEC Equivalent:MS-001
Drawing No.C04-018
Units
INCHES
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
N
8
8
P
.100
2.54
A
.140
.155
.170
3.56
3.94
4.32
A2
.115
.130
.145
2.92
3.30
3.68
A1
.015
0.38
E
.300
.313
.325
7.62
7.94
8.26
E1
.240
.250
.260
6.10
6.35
6.60
D
.360
.373
.385
9.14
9.46
9.78
L
.125
.130
.135
3.18
3.30
3.43
C
.008
.012
.015
0.20
0.29
0.38
B1
.045
.058
.070
1.14
1.46
1.78
B
.014
.018
.022
0.36
0.46
0.56
eB
.310
.370
.430
7.87
9.40
10.92
a
5
10
15
5
10
15
ß
5
10
15
5
10
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com