전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EC25C64 데이터시트(PDF) 3 Page - E-CMOS Corporation

부품명 EC25C64
상세설명  64Kbits SPI Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C64 데이터시트(HTML) 3 Page - E-CMOS Corporation

  EC25C64 Datasheet HTML 1Page - E-CMOS Corporation EC25C64 Datasheet HTML 2Page - E-CMOS Corporation EC25C64 Datasheet HTML 3Page - E-CMOS Corporation EC25C64 Datasheet HTML 4Page - E-CMOS Corporation EC25C64 Datasheet HTML 5Page - E-CMOS Corporation EC25C64 Datasheet HTML 6Page - E-CMOS Corporation EC25C64 Datasheet HTML 7Page - E-CMOS Corporation EC25C64 Datasheet HTML 8Page - E-CMOS Corporation EC25C64 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 16
5B11N-Rev.F001
EC25C64
64Kbits SPI Serial EEPROM
Functional Block Diagram
Serial Interface Description
Master:The device that provides a clock signal.
Slave:EC25C64.
Transmitter/Receiver:The EC25C64 has both data input (SI) and data output (SO).
MSB:MSB (Most Significant Bit) is the first bit being transmitted or received.
Op-Code:Operational instruction code typically sent to the EC25C64 is the first byte of information
transmitted after
is Low. If the Op-Code is a valid instruction as listed in Table 3, then it will be
decoded appropriately. It is prohibited to send an invalid Op-Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16