| 전자부품 데이터시트 검색엔진 |
|
LTC3703 데이터시트(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3703 데이터시트(HTML) 13 Page - Linear Technology |
|
13 / 32 page ![]() LTC3703 13 3703f The oscillator can also be synchronized to an external clock applied to the MODE/SYNC pin with a frequency in the range of 100kHz to 600kHz (refer to the MODE/SYNC Pin section for more details). In this synchronized mode, Pulse Skip Mode operation is disabled. The clock high level must exceed 2V for at least 25ns. As shown in Figure 8, the top MOSFET turn-on will follow the rising edge of the external clock by a constant delay equal to one- tenth of the cycle period. ripple current occurs at the highest VIN. To guarantee that ripple current does not exceed a specified maximum, the inductor in buck mode should be chosen according to: L V fI V V OUT LMAX OUT IN MAX ≥ ∆ () () – 1 The inductor also has an affect on low current operation when Pulse Skip Mode operation is enabled. The fre- quency begins to decrease when the output current drops below the average inductor current at which the LTC3703 is operating at its tON(MIN) in discontinuous mode (see Figure 6). Lower inductance increases the peak inductor current that occurs in each minimum on-time pulse and thus increases the output current at which the frequency starts decreasing. Power MOSFET Selection The LTC3703 requires at least two external N-channel power MOSFETs, one for the top (main) switch and one or more for the bottom (synchronous) switch. The number, type and “on” resistance of all MOSFETs selected take into account the voltage step-down ratio as well as the actual position (main or synchronous) in which the MOSFET will be used. A much smaller and much lower input capaci- tance MOSFET should be used for the top MOSFET in applications that have an output voltage that is less than 1/3 of the input voltage. In applications where VIN >> VOUT, the top MOSFETs’ “on” resistance is normally less impor- tant for overall efficiency than its input capacitance at operating frequencies above 300kHz. MOSFET manufac- turers have designed special purpose devices that provide reasonably low “on” resistance with significantly reduced input capacitance for the main switch application in switch- ing regulators. Selection criteria for the power MOSFETs include the “on” resistance RDS(ON), input capacitance, breakdown voltage and maximum output current. The most important parameter in high voltage applica- tions is breakdown voltage BVDSS. Both the top and bottom MOSFETs will see full input voltage plus any additional ringing on the switch node across its drain-to- source during its off-time and must be chosen with the 3703 F08 2V TO 10V MODE/ SYNC TG IL tMIN = 25ns 0.8T 0.1T D = 40% T T = 1/fO APPLICATIO S I FOR ATIO Figure 8. MODE/SYNC Clock Input and Switching Waveforms for Synchronous Operation Inductor The inductor in a typical LTC3703 circuit is chosen for a specific ripple current and saturation current. Given an input voltage range and an output voltage, the inductor value and operating frequency directly determine the ripple current. The inductor ripple current in the buck mode is: ∆= I V fL V V L OUT OUT IN ()( ) – 1 Lower ripple current reduces core losses in the inductor, ESR losses in the output capacitors and output voltage ripple. Thus highest efficiency operation is obtained at low frequency with small ripple current. To achieve this how- ever, requires a large inductor. A reasonable starting point is to choose a ripple current between 20% and 40% of IO(MAX). Note that the largest |