| 전자부품 데이터시트 검색엔진 |
|
LTC3832 데이터시트(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3832 데이터시트(HTML) 13 Page - Linear Technology |
|
13 / 24 page ![]() 13 LTC3832/LTC3832-1 sn3832 3832fs Diagram). This increases the G2 on-time and allows the charge pump capacitors to be refreshed. For applications using an external supply to PVCC1, this supply must also be higher than VCC by at least 2.5V to ensure normal operation. For applications with a 5V or higher VIN supply, PVCC2 can be tied to VIN if a logic level MOSFET is used. PVCC1 can be supplied using a doubling charge pump as shown in Figure 9. This circuit provides 2VIN – VF to PVCC1 while Q1 is ON. enhance standard power MOSFETs. Under this condition, the effective MOSFET RDS(ON) may be quite high, raising the dissipation in the FETs and reducing efficiency. Logic level FETs are the recommended choice for 5V or lower voltage systems. Logic level FETs can be fully enhanced with a doubler/tripling charge pump and will operate at maximum efficiency. After the MOSFET threshold voltage is selected, choose the RDS(ON) based on the input voltage, the output voltage, allowable power dissipation and maximum output current. In a typical LTC3832 circuit, operating in continuous mode, the average inductor current is equal to the output load current. This current flows through either Q1 or Q2 with the power dissipation split up according to the duty cycle: DC Q V V DC Q V V VV V OUT IN OUT IN IN OUT IN () () – – 1 21 = == The RDS(ON) required for a given conduction loss can now be calculated by rearranging the relation P = I2R. R P DC Q I VP VI R P DC Q I VP VV I DS ON Q MAX Q LOAD IN MAX Q OUT LOAD DS ON Q MAX Q LOAD IN MAX Q IN OUT LOAD () () () () () () () • ( ) • •( ) () • ( ) • (– ) • ( ) 1 1 2 1 2 2 2 2 2 2 1 2 == == PMAX should be calculated based primarily on required efficiency or allowable thermal dissipation. A typical high efficiency circuit designed for 3.3V input and 2.5V at 10A output might allow no more than 3% efficiency loss at full load for each MOSFET. Assuming roughly 90% efficiency at this current level, this gives a PMAX value of: (2.5V)(10A/0.9)(0.03) = 0.83W per FET and a required RDS(ON) of: R VW VA R VW VV A DS ON Q DS ON Q () () (. ) • (. ) ( . )( ) . (. ) • (. ) ( . – . )( ) . 1 2 2 2 33 083 25 10 0 011 33 083 33 25 10 0 034 == Ω == Ω APPLICATIO S I FOR ATIO LTC3832 3832 F09 + DZ 12V 1N5242 Q1 LO Q2 COUT VOUT 0.1 µF PVCC2 OPTIONAL USE FOR VIN ≥ 7V MBR0530T1 PVCC1 G1 G2 VIN Figure 9. Doubling Charge Pump Power MOSFETs Two N-channel power MOSFETs are required for most LTC3832 circuits. These should be selected based primarily on threshold voltage and on-resistance consid- erations. Thermal dissipation is often a secondary con- cern in high efficiency designs. The required MOSFET threshold should be determined based on the available power supply voltages and/or the complexity of the gate drive charge pump scheme. In 3.3V input designs where an auxiliary 12V supply is available to power PVCC1 and PVCC2, standard MOSFETs with RDS(ON) specified at VGS = 5V or 6V can be used with good results. The current drawn from this supply varies with the MOSFETs used and the LTC3832’s operating frequency, but is generally less than 50mA. LTC3832 applications that use 5V or lower VIN voltage and a doubling/tripling charge pump to generate PVCC1 and PVCC2, do not provide enough gate drive voltage to fully |