전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ECTXXW5 데이터시트(PDF) 2 Page - E-CMOS Corporation

부품명 ECTXXW5
상세설명  TVS Diode Array for Latch up Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-CMOS [E-CMOS Corporation]
홈페이지  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECTXXW5 데이터시트(HTML) 2 Page - E-CMOS Corporation

  ECTXXW5 Datasheet HTML 1Page - E-CMOS Corporation ECTXXW5 Datasheet HTML 2Page - E-CMOS Corporation ECTXXW5 Datasheet HTML 3Page - E-CMOS Corporation ECTXXW5 Datasheet HTML 4Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVS Diode Array
for Latch up Protection
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 4
4D16N-Rev. P001
ECTXXW5
Ordering Information
ECT XX W5NN XX X
Device Characteristics
MAXIMUM RATINGS (@ 25
Unless Otherwise Specified)
℃
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp=8/20µs waveform)
PPP
100
Watts
Lead Soldering Temperature
TL
260 (10 sec.)
℃
Operating Temperature Range
TJ
-55 ~ 150
℃
Storage Temperature Range
TSTG
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS PER LINE (@ 25
Unless Otherwise Specified)
℃
PART NUMBER
DEVICE
MARKING
VRWM
(V)
(max.)
VB
(V)
(min.)
IT
(mA)
VC
@1A
(max.)
VC
(max.)
(@A)
IR
(µA)
(max.)
CT
(pF)
(typ.)
ECT33W5NNB8R
WB
3.0
4.5
1
8.0
15.3
4
5
40
ECT05W5NNB8R
WE
5
6
1
9.8
18.5
3
2
30
ECT12W5NNB8R
WH
12
13.3
1
17
21.0
2
1
25
R:Tape & Reel
B8:SOT353
Working Voltage:
33 = 3.3V
05 = 5.0V
12 = 12 V



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com