| 전자부품 데이터시트 검색엔진 |
|
MSK3001 데이터시트(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK3001 데이터시트(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 5 page ![]() 4707 Dey Road Liverpool, N.Y. 13088 (315) 701-6751 FEATURES: Pin Compatible with IRFT001 P and N Channel MOSFETs for Ease of Drive Isolated Package for Direct Heat Sinking, Excellent Thermal Conductivity Avalanche Rated Devices Interfaces Directly with Most Brushless Motor Drive IC's 100 Volt, 5 Amp Full Three Phase Bridge at 25°C ISO-9001 CERTIFIED BY DSCC M.S.KENNEDY CORP. THREE PHASE BRIDGE MOSFET POWER MODULE The MSK 3001 is a three phase bridge power circuit packaged in a space efficient isolated ceramic tab power SIP package. Consisting of P-Channel MOSFETs for the top transistors and N-Channel MOSFETs for the bottom transis- tors, the MSK 3001 will interface directly with most brushless motor drive IC's without special gate driving require- ments. The MSK 3001 uses M.S.Kennedy's proven power hybrid technology to bring a cost effective high perfor- mance circuit for use in today's sophisticated servo motor and disk drive systems. The MSK 3001 is a replacement for the IRFT001 with only minor differences in mechanical and electrical specifications. DESCRIPTION: EQUIVALENT SCHEMATIC Three Phase Brushless DC Motor Servo Control Disk Drive Spindle Control Fin Actuator Control Az-El Antenna Control TYPICAL APPLICATIONS PIN-OUT INFORMATION 1 2 3 4 5 6 Source 1,3,5 Gate 1 Gate 2 Drain 1,2 Gate 3 Drain 3,4 Source 2,4,6 Gate 6 Drain 5,6 Gate 5 Gate 4 11 10 9 8 7 3001 1 Rev. B 7/00 |
유사한 부품 번호 - MSK3001 |
|
유사한 설명 - MSK3001 |