전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AB24S 데이터시트(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

부품명 AB24S
상세설명  4 0 to 200 Volts Current - 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

AB24S 데이터시트(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  AB24S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd AB24S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB24S THRU AB220S
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 40 to 200 Volts
Current - 2.0 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
40
28
40
60
42
60
80
56
80
100
70
100
200
140
200
AB24S
2.0
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260 /10 seconds at 5 lbs., (2.3kg) tension
Small size, simple installation
High surge current capability
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per leg at 2A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=100
Typical thermal resistance
R JA
IR
VF
mA
mA
0.85
40
ABS
AB28S
AB26S
AB210S
AB220S
-55 to +125
-55 to +150
NOTE:1.Measured at 1MHz and applied reverse voltage of 4 V D.C.
Operating temperature range
storage temperature range
TJ
TSTG
/W
70
2.Mounted on glass epoxy P C board with 4 X (5X5mm) copper pad.
MDD Catalog Number
50
0.5
10
Typical junction capacitance
j
C
220
80
pF
0.55
0.70
0.3
5


유사한 부품 번호 - AB24S

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
AC/DC Power Module 24W, Industrial & Medical Safety
logo
Microdiode Semiconducto...
AB24S CHENDA-AB24S Datasheet
778Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB24S CHENDA-AB24S Datasheet
504Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Delta Electronics, Inc.
AB24S0500A DELTA-AB24S0500A Datasheet
375Kb / 5P
AC/DC Power Module 24W, Industrial & Medical Safety
AB24S0900A DELTA-AB24S0900A Datasheet
375Kb / 5P
AC/DC Power Module 24W, Industrial & Medical Safety
More results

유사한 설명 - AB24S

제조업체부품명데이터시트상세설명
logo
Surge Components
S2A SURGE-S2A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Rectron Semiconductor
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
logo
Rectron Semiconductor
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
logo
WILLAS ELECTRONIC CORP
SR5150 WILLAS-SR5150 Datasheet
165Kb / 2P
VOLTAGE RANGE 150 to 200 Volts CURRENT 5.0 Ampere
RS201-01 WILLAS-RS201-01 Datasheet
220Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Rectron Semiconductor
SF21-B RECTRON-SF21-B Datasheet
230Kb / 5P
VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
logo
DONGGUAN YOU FENG WEI E...
KBP2005-KBP YFWDIODE-KBP2005-KBP Datasheet
311Kb / 2P
2.0 Ampere 50 to 1000 Volts
logo
Microdiode Semiconducto...
AB14S CHENDA-AB14S Datasheet
676Kb / 2P
4 0 to 200 Volts Current - 1.0 Ampere
CD2S CHENDA-CD2S Datasheet
949Kb / 3P
200 to 1000 Volts Current - 1.0 Ampere
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com