| 전자부품 데이터시트 검색엔진 |
|
AD9681 데이터시트(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9681 데이터시트(HTML) 11 Page - Analog Devices |
|
11 / 41 page ![]() AD9681 Data Sheet Rev. C | Page 10 of 40 D0–A1 D0+A1 D1–A1 D1+A1 FCO–1, FCO–2 BYTEWISE MODE FCO+1, FCO+2 D0–A1 D0+A1 D1–A1 D1+A1 FCO–1, FCO–2 DCO–1, DCO–2 DCO+1, DCO+2 DCO+1, DCO+2 CLK+ CLK– DCO–1, DCO–2 FCO+1, FCO+2 BITWISE MODE SDR DDR D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 MSB N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 MSB N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 MSB N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 MSB N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 tEH tCPD tFRAME tFCO tPD tDATA tLD tEL VIN±x1, VIN±x2 tA N – 1 N N + 1 Figure 6. 12-Bit DDR/SDR, Two-Lane, 2× Frame Mode D0–x/D1–x D0+x/D1+x FCO–1, FCO–2 DCO+1, DCO+2 CLK+ VIN±x1, VIN±x2 CLK– DCO–1, DCO–2 FCO+1, FCO+2 D12 N – 17 MSB N – 17 D11 N – 17 D10 N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 LSB N – 17 0 N – 17 0 N – 17 MSB N – 16 D14 N – 16 D13 N – 16 tA tDATA tEH tFCO tFRAME tPD tCPD tEL N – 1 N Figure 7. Wordwise DDR, One-Lane, 1× Frame, 16-Bit Output Mode (See Table 8 for One-Lane Channel Assignments) |