전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9500D 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 PCA9500D
상세설명  8-bit I2C and SMBus I/O port with 2-kbit EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9500D 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button PCA9500D Datasheet HTML 9Page - NXP Semiconductors PCA9500D Datasheet HTML 10Page - NXP Semiconductors PCA9500D Datasheet HTML 11Page - NXP Semiconductors PCA9500D Datasheet HTML 12Page - NXP Semiconductors PCA9500D Datasheet HTML 13Page - NXP Semiconductors PCA9500D Datasheet HTML 14Page - NXP Semiconductors PCA9500D Datasheet HTML 15Page - NXP Semiconductors PCA9500D Datasheet HTML 16Page - NXP Semiconductors PCA9500D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Philips Semiconductors
Product data sheet
PCA9500
8-bit I2C and SMBus I/O port with 2-kbit EEPROM
2004 Sep 30
13
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.0
V
VI
Input voltage
VSS – 0.5
5.5
V
II
DC input current
–20
20
mA
IO
DC output current
–25
25
mA
IDD
Supply current
–100
100
mA
ISS
Supply current
–100
100
mA
Ptot
Total power dissipation
—
400
mW
PO
Total power dissipation per output
—
100
mW
Tstg
Storage temperature
–65
+150
_C
Tamb
Operating temperature
–40
+85
_C
DC ELECTRICAL CHARACTERISTICS
Tamb = –40 to +85 _C unless otherwise specified; VCC = 3.3 V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD
Supply voltage
2.5
3.3
3.6
V
IDDQ
Standby current
A0, A1, A2, WC = HIGH
—
—
60
µA
IDD1
Supply current read
—
—
1
mA
IDD2
Supply current write
—
—
2
mA
VPOR
Power-on reset voltage
—
—
2.4
V
Input SCL; input, output SDA
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
—
—
mA
ILI
Input leakage current
VI = VDD or VSS
–1
—
1
µA
CI
Input capacitance
VI = VSS
—
—
7
pF
I/O Expander Port
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
IIHL(max)
Input current through protection diodes
–400
—
400
µA
IOL
LOW-level output current
VOL = 1 V
10
25
—
mA
IOH
HIGH-level output current
VOH = Vss
30
100
300
µA
IOHt
Transient pull-up current
—
2
—
mA
CI
Input capacitance
—
—
10
pF
CO
Output capacitance
—
—
10
pF
Address Inputs (A0, A1, A2), WC input
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
I
Input leakage current
VI = VDD
–1
—
1
µA
ILI
Input leakage (pull-up) current
VI = VSS
10
25
100
µA
NOTES:
1. Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com