전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12CE673-04/JW 데이터시트(PDF) 9 Page - Microchip Technology

부품명 PIC12CE673-04/JW
상세설명  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/JW 데이터시트(HTML) 9 Page - Microchip Technology

Back Button PIC12CE673-04/JW Datasheet HTML 5Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 6Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 7Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 8Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 9Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 10Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 11Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 12Page - Microchip Technology PIC12CE673-04/JW Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 9
PIC12CE67X
TABLE 3-1:
PIC12CE67X PINOUT DESCRIPTION
Name
DIP Pin
#
I/O/P
Type
Buffer
Type
Description
GP0/AN0
7
I/O
TTL/ST
Bi-directional I/O port/serial programming data/analog input
0. Can be software programmed for internal weak pull-up
and interrupt on pin change. This buffer is a Schmitt Trigger
input when used in serial programming mode.
GP1/AN1/VREF
6
I/O
TTL/ST
Bi-directional I/O port/serial programming clock/analog
input 1/voltage reference. Can be software programmed for
internal weak pull-up and interrupt on pin change. This
buffer is a Schmitt Trigger input when used in serial pro-
gramming mode.
GP2/T0CKI/AN2/INT
5
I/O
ST
Bi-directional I/O port/analog input 2. Can be configured as
T0CKI or external interrupt.
GP3/MCLR/VPP
4
I
TTL/ST
Input port/master clear (reset) input/programming voltage
input. When configured as MCLR, this pin is an active low
reset to the device. Voltage on MCLR/VPP must not exceed
VDD during normal device operation. Can be software pro-
grammed for internal weak pull-up and interrupt on pin
change. Weak pull-up always on if configured as MCLR .
This buffer is Schmitt Trigger when in MCLR mode.
GP4/OSC2/AN3/
CLKOUT
3
I/O
TTL
Bi-directional I/O port/oscillator crystal output/analog input
3. Connections to crystal or resonator in crystal oscillator
mode (HS, XT and LP modes only, GPIO in other modes).
In EXTRC and INTRC modes, the pin output can be config-
ured to CLKOUT which has 1/4 the frequency of OSC1 and
denotes the instruction cycle rate.
GP5/OSC1/CLKIN
2
I/O
TTL/ST
Bidirectional IO port/oscillator crystal input/external clock
source input (GPIO in INTRC mode only, OSC1 in all other
oscillator modes). Schmitt trigger in EXTRC mode only.
VDD
1
P
—
Positive supply for logic and I/O pins
VSS
8
P
—
Ground reference for logic and I/O pins
Legend: I = input, O = output, I/O = input/output, P = power, — = not used, TTL = TTL input,
ST = Schmitt Trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com