| 전자부품 데이터시트 검색엔진 |
|
TAS3001C 데이터시트(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3001C 데이터시트(HTML) 34 Page - Texas Instruments |
|
34 / 56 page ![]() 8−2 Woofer Tweeter S/PDIF Interface % TAS3001 % TAS3001 DIR1703 S/PDIF Receiver Digital Amplifier TAS5100 H − Bridge TAS5100 PWM TAS5100 H − Bridge Figure 8−2. TAS3001 as a Crossover and Equalizer 8.2 Measurement-Based Speaker Correction Although loudspeakers ideally should be designed for a uniform sound pressure response as a function of frequency, cost and physical constraints usually result in speakers that are less than ideal. To correct large nonlinearities in the response or to shape the response to listener preferences, speaker equalization can be performed. In the example speaker response shown in Figure 8−3, it is seen that the sound pressure level (y-axis) varies significantly as a function of frequency (x-axis). For speakers such as this typical loudspeaker, equalization can improve performance and enhance the listening experience. |