전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VN750PT13TR 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 VN750PT13TR
상세설명  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PT13TR 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button VN750PT13TR Datasheet HTML 17Page - STMicroelectronics VN750PT13TR Datasheet HTML 18Page - STMicroelectronics VN750PT13TR Datasheet HTML 19Page - STMicroelectronics VN750PT13TR Datasheet HTML 20Page - STMicroelectronics VN750PT13TR Datasheet HTML 21Page - STMicroelectronics VN750PT13TR Datasheet HTML 22Page - STMicroelectronics VN750PT13TR Datasheet HTML 23Page - STMicroelectronics VN750PT13TR Datasheet HTML 24Page - STMicroelectronics VN750PT13TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
VN750 / VN750S / VN750PT / VN750-B5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8 (max.)
L1
0.8
1.2
0.031
0.047
SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29