전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC16244A 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74LVC16244A
상세설명  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244A 데이터시트(HTML) 3 Page - NXP Semiconductors

  74LVC16244A Datasheet HTML 1Page - NXP Semiconductors 74LVC16244A Datasheet HTML 2Page - NXP Semiconductors 74LVC16244A Datasheet HTML 3Page - NXP Semiconductors 74LVC16244A Datasheet HTML 4Page - NXP Semiconductors 74LVC16244A Datasheet HTML 5Page - NXP Semiconductors 74LVC16244A Datasheet HTML 6Page - NXP Semiconductors 74LVC16244A Datasheet HTML 7Page - NXP Semiconductors 74LVC16244A Datasheet HTML 8Page - NXP Semiconductors 74LVC16244A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2003 Dec 08
3
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
ORDERING INFORMATION
INPUT
OUTPUT
nOE
nAn
nYn
LLL
LH
H
HX
Z
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE MATERIAL
CODE
74LVC16244ADL
−40 to +125 °C
48
SSOP48
plastic
SOT370-1
74LVCH16244ADL
−40 to +125 °C
48
SSOP48
plastic
SOT370-1
74LVC16244ADGG
−40 to +125 °C
48
TSSOP48
plastic
SOT362-1
74LVCH16244ADGG
−40 to +125 °C
48
TSSOP48
plastic
SOT362-1
74LVC16244AEV
−40 to +125 °C
56
VFBGA56
plastic
SOT702-1
74LVCH16244AEV
−40 to +125 °C
56
VFBGA56
plastic
SOT702-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18