| 전자부품 데이터시트 검색엔진 |
|
CD74FCT654 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74FCT654 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 9 page ![]() 8-3 Functional Diagram TRUTH TABLE INPUTS DATA I/O OPERATION OR FUNCTION OEAB OEBA CAB CBA SAB SBA A0 THRU A7 B0 THRU B7 CD74FCT653 CD74FCT654 L L H H H or L ↑ H or L ↑ X X X X Input Input Input Input Isolation (Note 1) Store A and B Data Isolation (Note 1) Store A and B Data X H H H ↑ ↑ H or L ↑ X X (3) X X Input Input Unspecified (2) Output Store A, Hold B Store A in both registers Store A, Hold B Store A in both registers L L X L H or L ↑ ↑ ↑ X X X X (3) Unspecified (2) Output Input Input Hold A, Store B Store B in both registers Hold A, Store B Store B in both registers L L L L X X X H or L X X L H Output Output Input Input Real-Time B Data to A Bus Stored B Data to A Bus Real-Time B Data to A Bus Stored B Data to A Bus H H H H X H or L X X L H X X Input Input Output Output Real-Time A Data to B Bus Stored A Data to B Bus Real-Time A Data to B Bus Stored A Data to B Bus H L H or L H or L H H Output Output Stored A Data to B Bus Stored B Data to A Bus Stored A Data to B Bus Stored B Data to A Bus NOTES: 1. To prevent excess currents in the High-Z (isolation) modes, all I/O terminals should be terminated with 10k Ω to 1MΩ resistors. 2. The data output functions may be enabled or disabled by various signals at the OEAB or OEBA inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every low-to-high transition on the clock inputs. 3. Select control = L; clocks can occur simultaneously. Select control = H; clocks must be staggered in order to load both registers. 4 5 6 7 8 9 10 11 20 19 18 17 16 15 14 13 B0 B1 B2 B3 B4 B5 B6 B7 A0 A1 A2 A3 A4 A5 A6 A7 B DATA PORT A DATA PORT OEBA OEAB CAB CLOCK CBA CLOCK 21 3 1 23 2 22 SAB SOURCE SBA SOURCE DATA SOURCE SELECTION INPUTS FLIP-FLOP CLOCKS GND = PIN 12 VCC = PIN 24 CD74FCT653, CD74FCT654 |