전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9239 데이터시트(PDF) 28 Page - Analog Devices

부품명 AD9239
상세설명  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9239 데이터시트(HTML) 28 Page - Analog Devices

Back Button AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices AD9239 Datasheet HTML 29Page - Analog Devices AD9239 Datasheet HTML 30Page - Analog Devices AD9239 Datasheet HTML 31Page - Analog Devices AD9239 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
AD9239
Rev. E | Page 27 of 40
POLYNOMIAL = 1 + x39 + x58
S57
S56
S19
S18
S1
S0
S57
D58
D58
S56
S19
S18
S1
S0
S58
S58
Figure 65. Serial Implementation of Ethernet Scrambler
POLYNOMIAL = 1 + x6 + x7
S6
S5
S4
S3
S2
S1
S6
D7
D7
S5
S4
S3
S2
S1
S0
S0
S7
S7
Figure 66. Serial Implementation of SONET Scrambler
h7
h6
h5
h4
h3
h2
h1
h0
D1
<11>
D1
<10>
D1
<9>
D1
<8>
D1
<7>
D1
<6>
D1
<5>
D1
<4>
D1
<3>
D1
<2>
D1
<1>
D1
<0>
D2
<11>
D2
<10>
D2
<9>
D2
<8>
D2
<7>
D2
<6>
D2
<5>
D2
<4>
D2
<3>
D2
<2>
D2
<1>
D2
<0>
D3
<11>
D3
<10>
D3
<9>
D3
<8>
D3
<7>
D3
<6>
D3
<5>
D3
<4>
D3
<3>
D3
<2>
D3
<1>
D3
<0>
D4
<11>
D4
<10>
D4
<9>
D4
<8>
D4
<7>
D4
<6>
D4
<5>
D4
<4>
D4
<3>
D4
<2>
D4
<1>
D4
<0>
0
p7
p6p5
p4p3p2
p1
= INVERTED BIT
Figure 67. Scrambler Inverters for 64-Bit Packet: 12-Bit Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41