| 전자부품 데이터시트 검색엔진 |
|
HT81006 데이터시트(PDF) 5 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT81006 데이터시트(HTML) 5 Page - Holtek Semiconductor Inc |
|
5 / 19 page ![]() HT81R18 HT81XXX Rev. 1.40 5 March 1, 2005 1 2 3 4 5 6 7 8 9 1 0 1 6 1 5 1 4 1 3 1 2 1 1 ( 0 , 0 ) V D D O S C I K E Y 3 V S S O U T 1 V D D I / O 2 I / O 1 K E Y 4 V P P O E Chip size: 51.6 ´ 138 (mil) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. |