전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9446 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD9446
상세설명  16-Bit, 80/100 MSPS ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9446 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD9446 Datasheet HTML 9Page - Analog Devices AD9446 Datasheet HTML 10Page - Analog Devices AD9446 Datasheet HTML 11Page - Analog Devices AD9446 Datasheet HTML 12Page - Analog Devices AD9446 Datasheet HTML 13Page - Analog Devices AD9446 Datasheet HTML 14Page - Analog Devices AD9446 Datasheet HTML 15Page - Analog Devices AD9446 Datasheet HTML 16Page - Analog Devices AD9446 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD9446
Rev. 0 | Page 12 of 36
Pin No.
Mnemonic
Description
79
D12−
D12 Complement Output Bit.
80
D12+
D12 True Output Bit.
81
D13−
D13 Complement Output Bit
82
D13+
D13 True Output Bit.
83
D14−
D14 Complement Output Bit
84
D14+
D14 True Output Bit.
85
D15−
D15 Complement Output Bit.
86
D15+ (MSB)
D15 True Output Bit.
89
OR−
Out-of-Range Complement Output Bit.
90
OR+
Out-of-Range True Output Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37