전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS3150/U 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS3150/U
상세설명  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150/U 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS3150/U Datasheet HTML 1Page - STMicroelectronics STPS3150/U Datasheet HTML 2Page - STMicroelectronics STPS3150/U Datasheet HTML 3Page - STMicroelectronics STPS3150/U Datasheet HTML 4Page - STMicroelectronics STPS3150/U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS3150/U
4/5
PACKAGE MECHANICAL DATA
SMB
E
C
L
E1
D
A1
A2
b
1.52
2.75
2.3
1.52
FOOT PRINT DIMENSIONS (in millimeters)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.41
0.006
0.016
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
D
3.30
3.95
0.130
0.156
R (°C/W)
th
0
10
20
30
40
50
60
70
80
90
5
1015
2025
Rth(j-I)
Rth(j-a)
L
(mm)
leads
DO-201AD
Fig. 9: Thermal resistance versus lead length
(DO-201AD).



Html Pages

1 2 3 4 5