| 전자부품 데이터시트 검색엔진 |
|
OV495 데이터시트(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV495 데이터시트(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() High Performance Image Signal Processor Companion Chip for Automotive Imaging OV495 lead free available in a lead-free package OmniVision's OV495 is an image signal processor (ISP) companion chip that pairs with OmniVision's family of automotive RAW image sensors for advanced automotive imaging applications. The OV495 enables electronic distortion and perspective correction without video compression artifacts, making it an ideal ISP solution for next generation rear view camera and camera monitor system (CMS) applications. The OV495 is compatible with OmniVision's OV2775, OV10650, and OV10640 automotive image sensors. The OV495 can process video streams of up to two megapixels in resolution at a maximum of 60 frames per second (fps), with distortion and perspective correction to enable different viewing modes and angles. The OV495 also supports overlay capability for features, such as parking guidance, to enable high-performance vision systems. The OV495 comes in an AEC-Q100 Grade 2-qualified 7 x 7 mm BGA package and contains an advanced set of safety mechanisms to enable ASIL rated camera systems. Find out more at www.ovt.com. companion HDR image processor for automotive applications product brief |
유사한 부품 번호 - OV495 |
|
유사한 설명 - OV495 |