| 전자부품 데이터시트 검색엔진 |
|
OV683 데이터시트(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV683 데이터시트(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() 3-Channel Stand Alone Bridge Chip for Multi-Camera Applications OV683 lead free available in a lead-free package OmniVision's OV683 companion chip is a multi-sensor bridge solution that integrates images from three sensors into a single data stream. The companion chip has two 2-lane MIPI receivers and one 4-lane MIPI receiver with two built-in image signal processors (ISP). The OV683 can support up to two 5-megapixel sensors and a 21-megapixel sensor, with lower-resolution sensors using the companion chip's two built-in ISPs and the higher-resolution sensor bypassing the processor through a four-lane MIPI receiver. The companion chip can output a maximum resolution of 23 megapixels at 15 frames per second (fps), or one 8-megapixel video stream with two 1080p high definition (HD) streams at 30 fps. Find out more at www.ovt.com. bridge chip product brief |
유사한 부품 번호 - OV683 |
|
유사한 설명 - OV683 |