전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3413 데이터시트(PDF) 12 Page - Linear Technology

부품명 LTC3413
상세설명  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 데이터시트(HTML) 12 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology LTC3413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC3413
sn3413 3413fs
Figure 3. One-Half VREF, ±3A DDR Memory Termination Supply at 1MHz
(Efficiency Curve is Shown in Figure 1b)
RPG
100k
RITH
5.11k
ROSC
309k
*VISHAY DALE IHLP-2525CZ-01 0.47
µH
**TDK C4532X5R0J107M
RSS
4.7M
CSS
330pF X7R
CITH
2200pF
X7R
CC
100pF
PGOOD
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SWVFB
PGND
PGND
SW
SW
PVIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC3413
L1*
0.47
µH
CIN1**
100
µF
CIN2**
100
µF
COUT**
100
µF
×2
GND
3413 F03
VOUT
1.25V
±3A
VIN
2.5V
adequate for most applications. Connect the VREF pin
directly to SVIN. Connecting the VFB pin directly to VOUT
will set the output voltage equal to one-half of the voltage
on the VREF pin. The complete circuit for this design
example is illustrated in Figure 3.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3413. Check the following in your layout.
1. A ground plane is recommended. If a ground plane layer
is not used, the signal and power grounds should be
segregated with all small-signal components returning to
the SGND pin at one point which is then connected to the
PGND pin close to the LTC3413.
2. Connect the (+) terminal of the input capacitor(s), CIN,
as close as possible to the PVIN pin. This capacitor
provides the AC current into the internal power MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small-signal nodes.
4. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of power
components. You can connect the copper areas to any DC
net (PVIN, SVIN, VOUT, PGND, SGND or any other DC rail in
your system).
5. Connect the VFB pin directly to the VOUT pin.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com