전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P255 데이터시트(PDF) 5 Page - World Produts Inc.

부품명 P255
상세설명  Metallized Polypropylene Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WPI [World Produts Inc.]
홈페이지  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255 데이터시트(HTML) 5 Page - World Produts Inc.

  P255 Datasheet HTML 1Page - World Produts Inc. P255 Datasheet HTML 2Page - World Produts Inc. P255 Datasheet HTML 3Page - World Produts Inc. P255 Datasheet HTML 4Page - World Produts Inc. P255 Datasheet HTML 5Page - World Produts Inc. P255 Datasheet HTML 6Page - World Produts Inc. P255 Datasheet HTML 7Page - World Produts Inc. P255 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
5 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
VRac = 300Vac
VRdc = 700Vdc
Code
P255
P1±
±
±
± 0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(m
Ω)
Tol. ±
±
±
± 10% / lt = 5±
±
±
± 1 mm
Cap
(
㎌)
b x h x l
(mm)
4-Pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ±
±
±
± 0.5 mm
dt = 0.8
dt = 1.2
2.2
11.0 x 21.0 x 31.0
-
31
62
*
-
*
-
GAL225KALJ
-
3.0
13.0 x 23.0 x 31.0
-
31
77
*
-
*
-
GAL305KALJ
-
4.0
15.0 x 25.0 x 31.0
-
31
108
*
-
*
-
GAL405KALJ
-
6.0
18.0 x 28.0 x 31.0
-
31
155
*
-
*
-
GAL605KALJ
-
8.0
21.0 x 31.0 x 31.0
-
31
232
*
-
*
-
GAL805KALJ
-
Pitch = 37.5 ±
±
±
± 0.5 mm
dt = 1.0
dt = 1.2
12.0
18.0 X 33.0 X 42.0
-
21
199
*
-
*
-
GAQ126KAGJ
-
14.5
20.0 X 35.0 X 42.0
10.2
21
231
*
*
*
*
GAQ146KAGJ
GAQ146KAPJ
20.0
24.0 X 39.0 X 42.0
10.2
21
336
-
*
-
*
-
GAQ206KAPJ
26.0
28.0 X 43.0 X 42.0
10.2
21
420
-
*
-
*
-
GAQ266KAPJ
30.0
30.0 X 45.0 X 42.0
20.3
21
504
-
*
-
*
-
GAQ306KAPJ
Pitch = 52.5 ±
±
±
± 0.5 mm
dt = 1.2
dt = 1.2
40.0
30.0 X 45.0 X 57.0
20.3
14
420
-
*
-
*
-
GAT406KAPJ
55.0
35.0 X 50.0 X 57.5
20.3
14
630
-
*
-
*
-
GAT556KAPJ
* In Progress
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz
DRAFT



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com