전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS6 데이터시트(PDF) 1 Page - Willow Technologies Ltd

부품명 AS6
상세설명  4A to 460 Vac SIP Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

AS6 데이터시트(HTML) 1 Page - Willow Technologies Ltd

  AS6 Datasheet HTML 1Page - Willow Technologies Ltd AS6 Datasheet HTML 2Page - Willow Technologies Ltd AS6 Datasheet HTML 3Page - Willow Technologies Ltd AS6 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2014 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
AS4 Page 1
AS4\042014\Q2
Series AS4
4A to 460 Vac SIP Package
DC Control
ELECTRICAL SPECIFICATIONS
Min
Max
Units
Operating Temperature
-40
80
°C
Storage Temperature
-40
120
°C
Input-Output Isolation
4000
Vrms
Input-Output Capacitance
3
pF
46
Line Voltage1
4
Output Current – Amps
D
Switch Type2
AS
Series
E
Control Range3
Part Number Explanation
NOTES
1) Line Voltage (nominal): 46 = 460 Vac
2) Switch Type: D = Zero-cross turn-on
3) Control Range: E = 4–30 Vdc (5-30 Vdc for AS60D4E)
4) RoHS Compliant = /R (AS24D4E/R)
.30
(7.62)
.49
(12.7)
.30
(7.63)
.20
(5.08)
.40
(10.16)
1.0 (25.4)
.19 (6.5)
WEIGHT: 1.06 oz. (30g)
Bottom View
1.70 (43.2)
.39 (10.2)
Ø1
input
4-30 Vdc
output
230 Vac 4A
4- 3+2
1
50A2s
.30
(7.62)
.10 (2.58)
.39
(10.2)
MECHANICAL SPECIFICATION
Figure 1 — AS relays; dimensions in inches (mm)
Part Number
Description
AS24D4E/R
4A, 275 Vac
AS46D4E
4A, 460 Vac
FEATURES/BENEFITS
• Industry standard package
• Tight zero-cross window for low EMI
• Low input current draw
• High dv/dt capability
• Integral transient voltage protection
• High immunity to surges
DESCRIPTION
The AS 4-amp solid-state single inline (SIP) four-pin
relays are designed for mounting on a printed circuit
board. The relays offer built-in voltage protection
and can withstand very high current overloads. The
Series AS4 relays have a low zero-cross window. The
compact size and triac output make the AS relay the
perfect retrofit for electromechanical relays.
APPLICATIONS
• Interface applications
• Vending machines
• Light/lamp control
• HVAC controls
APPROVALS
UL File Number: E128555.
BLOCK DIAGRAM
(Control LED available on AS46R4F-02 only.)
Figure 2a — All AS relays except AS60D4E


유사한 부품 번호 - AS6

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
AS6 TELEDYNE-AS6 Datasheet
319Kb / 4P
DC Control
logo
IDEC Corporation
AS6-SK IDEC-AS6-SK Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
logo
MotionKing Motor Indust...
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
AC Servo Motors
AS60-30-006E25 MOTIONKING-AS60-30-006E25 Datasheet
175Kb / 3P
AC Servo Motors
AS60-30-013E25 MOTIONKING-AS60-30-013E25 Datasheet
175Kb / 3P
AC Servo Motors
More results

유사한 설명 - AS6

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
MX2P46D4T-02 TELEDYNE-MX2P46D4T-02 Datasheet
104Kb / 2P
2-Pole or 3-Pole 4A 460 Vac DIN-Rail SSR
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
30A to 600 Vac SIP Package DC control
EPC24N10A TELEDYNE-EPC24N10A Datasheet
155Kb / 5P
Up to 110A 460 Vac Phase Angle Controller
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
4A to 600 Vac SIP Package DC Control
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
Micro SIP package
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
Micro SIP package
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
SIP package
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
30A to 600 Vac SIP Package DC Control
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com