전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DG84-7021-75-S024-R 데이터시트(PDF) 3 Page - Willow Technologies Ltd

부품명 DG84-7021-75-S024-R
상세설명  micro plug-in/pcb automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLOW [Willow Technologies Ltd]
홈페이지  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG84-7021-75-S024-R 데이터시트(HTML) 3 Page - Willow Technologies Ltd

  DG84-7021-75-S024-R Datasheet HTML 1Page - Willow Technologies Ltd DG84-7021-75-S024-R Datasheet HTML 2Page - Willow Technologies Ltd DG84-7021-75-S024-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG84 series
micro plug-in/pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DG84 110112JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A ((DG84B), 15VDC with suitable arc suppression circuit attached
and with operating frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current.
Switching Voltage (VDC)
24.8 ± 0.2
Pin 1 (86) coil
Pin 2 (85) coil
Pin 3 (30) common
Pin 4 (87a) N.C. contract
Pin 5 (87) N.O. contract



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com