전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320LC2404APZ 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMS320LC2404APZ
상세설명  DSP CONTROLLERS
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2404APZ 데이터시트(HTML) 3 Page - Texas Instruments

  TMS320LC2404APZ Datasheet HTML 1Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 2Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 3Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 4Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 5Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 6Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 7Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 8Page - Texas Instruments TMS320LC2404APZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145J − JULY 2000 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
REVISION HISTORY
PAGE
HIGHLIGHTS
global
Added the LC2403A device.
1
Added LC2402A to the 64-pin TQFP PAG package option on the Features page.
5
Changed MIN Conversion Time for the ADC from 375 or 500 ns to 500 ns on the Features page, in Table 1, in the
ADC absolute maximum ratings table, and in the internal ADC module timing parameters table.
5
Added PAG to the LC2402A column in Table 1, Hardware Features of 240xA Devices.
36
Changed seven interrupts to six core-level interrupts in Table 4.
36
Changed the description for IFR in Table 4.
49
Changed the formula for deriving the digital value of the input analog voltage
58
Added a note concerning the need for an external 1-M-
Ω resistor across X1 and X2 terminals.
69
Added note on lead-free package to Figure 20.
72
Changed MAX value for ADC module current in current consumption by power-supply pins over recommended
operating free-air temperature ranges for both operational and low-power modes.
81
Added a note to Figure 27
73
Changed the IDD current specification for ROM parts in LPM2 mode.
108
Changed DNL/INL information for LC240xA parts. There is now one table for both Flash and ROM parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More