| 전자부품 데이터시트 검색엔진 |
|
TMS320LF2402APGS 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320LF2402APGS 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 133 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145J − JULY 2000 − REVISED NOVEMBER 2004 3 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 REVISION HISTORY PAGE HIGHLIGHTS global Added the LC2403A device. 1 Added LC2402A to the 64-pin TQFP PAG package option on the Features page. 5 Changed MIN Conversion Time for the ADC from 375 or 500 ns to 500 ns on the Features page, in Table 1, in the ADC absolute maximum ratings table, and in the internal ADC module timing parameters table. 5 Added PAG to the LC2402A column in Table 1, Hardware Features of 240xA Devices. 36 Changed seven interrupts to six core-level interrupts in Table 4. 36 Changed the description for IFR in Table 4. 49 Changed the formula for deriving the digital value of the input analog voltage 58 Added a note concerning the need for an external 1-M- Ω resistor across X1 and X2 terminals. 69 Added note on lead-free package to Figure 20. 72 Changed MAX value for ADC module current in current consumption by power-supply pins over recommended operating free-air temperature ranges for both operational and low-power modes. 81 Added a note to Figure 27 73 Changed the IDD current specification for ROM parts in LPM2 mode. 108 Changed DNL/INL information for LC240xA parts. There is now one table for both Flash and ROM parts. |