전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3B155K025C2000AS 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 TP3B155K025C2000AS
상세설명  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B155K025C2000AS 데이터시트(HTML) 4 Page - Vishay Siliconix

  TP3B155K025C2000AS Datasheet HTML 1Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 2Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 3Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 4Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 5Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 6Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 7Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 8Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
4
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
4.7
A
TP3A475(1)004(2)6300AS
0.5
6
6.300
0.11
33
B
TP3B336(1)004(2)2000AS
1.3
6
2.000
0.21
33
C
TP3C336(1)004(2)2000AS
1.3
6
2.000
0.25
33
C
TP3C336(1)004(2)1800AS
1.3
6
1.800
0.25
33
C
TP3C336(1)004(2)0500AS
1.3
6
0.500
0.47
68
B
TP3B686(1)004(2)1400AS
2.7
6
1.400
0.28
68
C
TP3C686(1)004(2)1400AS
2.7
6
1.400
0.28
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
2.2
A
TP3A225(1)6R3(2)7600AS
0.5
6
7.600
0.10
2.2
A
TP3A225(1)6R3(2)6000AS
0.5
6
6.000
0.11
3.3
A
TP3A335(1)6R3(2)6300AS
0.5
6
6.300
0.11
3.3
A
TP3A335(1)6R3(2)5000AS
0.5
6
5.000
0.12
4.7
A
TP3A475(1)6R3(2)5500AS
0.5
6
5.500
0.12
4.7
A
TP3A475(1)6R3(2)3500AS
0.5
6
3.500
0.15
6.8
A
TP3A685(1)6R3(2)5000AS
0.5
6
5.000
0.12
6.8
B
TP3B685(1)6R3(2)3400AS
0.5
6
3.400
0.16
10
A
TP3A106(1)6R3(2)3400AS
0.6
6
3.400
0.15
10
A
TP3A106(1)6R3(2)2000AS
0.6
6
2.000
0.19
10
A
TP3A106(1)6R3(2)1500AS
0.6
6
1.500
0.22
10
B
TP3B106(1)6R3(2)2900AS
0.6
6
2.900
0.17
10
B
TP3B106(1)6R3(2)1000AS
0.6
6
1.000
0.29
15
A
TP3A156(1)6R3(2)2900AS
0.9
6
2.900
0.16
15
A
TP3A156(1)6R3(2)2000AS
0.9
6
2.000
0.19
15
B
TP3B156(1)6R3(2)2500AS
0.9
6
2.500
0.18
22
A
TP3A226(1)6R3(2)2900AS
1.3
6
2.900
0.16
22
A
TP3A226(1)6R3(2)2000AS
1.3
6
2.000
0.19
22
B
TP3B226(1)6R3(2)2000AS
1.3
6
2.000
0.21
22
B
TP3B226(1)6R3(2)0600AS
1.3
6
0.600
0.38
22
C
TP3C226(1)6R3(2)1800AS
1.3
6
1.800
0.25
22
C
TP3C226(1)6R3(2)0500AS
1.3
6
0.500
0.47
33
A
TP3A336(1)6R3(2)2500AS
2.0
14
2.500
0.17
33
A
TP3A336(1)6R3(2)0800AS
2.0
14
0.800
0.31
33
B
TP3B336(1)6R3(2)1900AS
2.0
6
1.900
0.21
33
B
TP3B336(1)6R3(2)0600AS
2.0
6
0.600
0.38
33
C
TP3C336(1)6R3(2)1500AS
2.0
6
1.500
0.27
33
C
TP3C336(1)6R3(2)0375AS
2.0
6
0.375
0.54
47
A
TP3A476(1)6R3(2)1600AS
2.8
12
1.600
0.22
47
B
TP3B476(1)6R3(2)1900AS
2.8
6
1.900
0.21
47
B
TP3B476(1)6R3(2)0600AS
2.8
6
0.600
0.38
47
B
TP3B476(1)6R3(2)0550AS
2.8
6
0.550
0.39
47
B
TP3B476(1)6R3(2)0500AS
2.8
6
0.500
0.41
47
C
TP3C476(1)6R3(2)1400AS
2.8
6
1.400
0.28
47
C
TP3C476(1)6R3(2)0300AS
2.8
6
0.300
0.61
47
C
TP3C476(1)6R3(2)0250AS
2.1
6
0.250
0.66
47
D
TP3D476(1)6R3(3)0800AS
2.8
6
0.800
0.43
47
D
TP3D476(1)6R3(3)0200AS
2.8
6
0.200
0.87
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com