| 전자부품 데이터시트 검색엔진 |
|
M24C08-DS3TP 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-DS3TP 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 10/29 Figure 8. Write Cycle Polling Flowchart using ACK Minimizing System Delays by Polling On ACK During the internal Write cycle, the device discon- nects itself from the bus, and writes a copy of the data from its internal latches to the memory cells. The maximum Write time (tw) is shown in Table 15. to Table 17., but the typical time is shorter. To make use of this, a polling sequence can be used by the bus master. The sequence, as shown in Figure 8., is: – Initial condition: a Write cycle is in progress. – Step 1: the bus master issues a Start condition followed by a Device Select Code (the first byte of the new instruction). – Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and the bus master goes back to Step 1. If the device has terminated the internal Write cycle, it responds with an Ack, indicating that the device is ready to receive the second part of the instruction (the first byte of this instruction having been sent during Step 1). WRITE Cycle in Progress AI01847C Next Operation is Addressing the Memory START Condition DEVICE SELECT with RW = 0 ACK Returned YES NO YES NO ReSTART STOP DATA for the WRITE Operation DEVICE SELECT with RW = 1 Send Address and Receive ACK First byte of instruction with RW = 0 already decoded by the device YES NO START Condition Continue the WRITE Operation Continue the Random READ Operation |