| 전자부품 데이터시트 검색엔진 |
|
COP8782C 데이터시트(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8782C 데이터시트(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 28 page ![]() Development Support (Continued) COP8 ASSEMBLERLINKER SOFTWARE DEVELOPMENT TOOL KIT National Semiconductor offers a relocateable COP8 macro cross assembler linker librarian and utility software devel- opment tool kit Features are summarized as follows Basic and Feature Family instruction set by ‘‘device’’ type Nested macro capability Extensive set of assembler directives Supported on PCDOS platform Generates National standard COFF output files Integrated Linker and Librarian Integrated utilities to generate ROM code file outputs DUMPCOFF utility This product is integrated as a part of MetaLink tools as a development kit fully supported by the MetaLink debugger It may be ordered separately or it is bundled with the Meta- Link products at no additional cost Order Information Assembler SDK COP8-DEV-IBMA Assembler SDK on installable 35 PCDOS Floppy Disk Drive format Periodic upgrades and most recent version is available on National’s BBS and Internet COP8 C COMPILER A C Compiler is developed and marketed by Byte Craft Lim- ited The COP8C compiler is a fully integrated development tool specifically designed to support the compact embed- ded configuration of the COP8 family of products Features are summarized as follows ANSI C with some restrictions and extensions that opti- mize development for the COP8 embedded application BITS data type extension Register declaration pragma with direct bit level definitions C language support for interrupt routines Expert system rule based code geration and optimiza- tion Performs consistency checks against the architectural definitions of the target COP8 device Generates program memory code Supports linking of compiled object or COP8 assembled object formats Global optimization of linked code Symbolic debug load format fully source level supported by the MetaLink debugger CROSS REFERENCE TABLE The following cross reference table lists the COP800 devic- es which can be emulated with the COP87XXC single-chip form fit and function emulators Single-Chip Emulator Selection Table Device Package Description Emulates Number COP8780CV 44 PLCC One Time COP880C Programmable (OTP) COP8780CEL 44 LDCC UV Erasable COP880C COP8780CN 40 DIP OTP COP880C COP8780CJ 40 DIP UV Erasable COP880C COP8781CN 28 DIP OTP COP881C COP840C COP820C COP8781CJ 28 DIP UV Erasable COP881C COP840C COP820C COP8781CWM 28 SO OTP COP881C COP840C COP820C COP8782CN 20 DIP OTP COP842C COP822C COP8782CJ 20 DIP UV Erasable COP842C COP822C COP8782CWM 20 SO OTP COP842C COP822C INDUSTRY WIDE OTPEPROM PROGRAMMING SUPPORT Programming support in addition to the MetaLink develop- ment tools is provided by a full range of independent ap- proved vendors to meet the needs from the engineering laboratory to full production http www nationalcom 19 |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |