전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL310 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

부품명 SL310
상세설명  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SL310 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SL310 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SL310 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S402
Rev. 1.0, 11-May-15
SL34 THRU SL310
肖特基二极管 Schottky Rectifier
■特征 Features
■外形尺寸
Outline Dimensions and Mark
●
Io
3.0A
●
VRRM
40V~100V
●
低正向电压,低功耗
Low VF,Low power loss
●
耐正向浪涌电流能力高
High surge forward current capability
■
用途 Applications
●
整流用
Rectifier
■
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
SL3
4
6
10
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
40
60
100
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz正弦半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
3.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
60
存储温度
Storage Temperature
Tstg
℃
-55 ~+150
结温
Junction Temperature
Tj
℃
-55 ~+150
■
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SL3
4
6
10
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=3.0A
0.45
0.5
0.6
反向峰值电流
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
热阻
Thermal Resistance
RθJ-L
℃/W
结和引线之间
Between junction and lead
16
Dimensions in inches and (millimeters)
SOD-123FL
.047(1.20)
.039(1.00)
.010(0.25)
.004(0.10)
.043(1.10)
.035(0.90)
.075(1.90)
.063(1.60)
.002(0.05)
.001(0.02)
COMPLIANT
RoHS


유사한 부품 번호 - SL310

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
SL310 YANGJIE-SL310 Datasheet
152Kb / 2P
Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL310 BILIN-SL310 Datasheet
547Kb / 4P
Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL310 DAESAN-SL310 Datasheet
495Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SL310 RFE-SL310 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-04-2022
logo
GOOD-ARK Electronics
SL310A GOOD-ARK-SL310A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

유사한 설명 - SL310

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com