전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FH1100 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 FH1100
상세설명  SILICON DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

FH1100 데이터시트(HTML) 1 Page - Advanced Semiconductor

  FH1100 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
VF
IF = 10 mA
550
mV
IR
VR = 1.0 V
1.0
µA
VBR
IR = 100
µA
5.0
V
CT0
VR = 0 V
f = 1.0 MHz
1.0
pF
NF
f = 890 MHz
10
dB
QS
IF = 10 mA
1.6
pC
SILICON DIODE
FH1100
DESCRIPTION:
The
ASI FH1100 is a Silicon Diffused
Hot Carrier Diode.
FEATURES INCLUDE:
• Q
S = 1.6 pC Typ.
• C = 1.0 pF Max. @ f = 890 MHz
• Hermetic Glass Package
MAXIMUM RATINGS
IF
10 mA
VR
5.0 V
PDISS
100 mW @ TC = 25 °C
TJ
-65 °C to +125 °C
TSTG
-65 °C to +150 °C
Tsoldering
+260 °C for 5 Seconds
PACKAGE STYLE DO-7


유사한 부품 번호 - FH1100

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FH1 WJCI-FH1 Datasheet
753Kb / 7P
High Dynamic Range FET
FH1 WJCI-FH1 Datasheet
301Kb / 7P
High Dynamic Range FET
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH1-05S-2.54DSA HIROSE-FH1-05S-2.54DSA Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
FH1-08S-2.54DS HIROSE-FH1-08S-2.54DS Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
More results

유사한 설명 - FH1100

제조업체부품명데이터시트상세설명
logo
Fuji Electric
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
SILICON DIODE
logo
Sanken electric
EG01C SANKEN-EG01C Datasheet
137Kb / 4P
Silicon Diode
EM1A SANKEN-EM1A Datasheet
169Kb / 4P
Silicon Diode
EM1B SANKEN-EM1B Datasheet
179Kb / 4P
Silicon Diode
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
Silicon Diode
logo
Unisonic Technologies
FCU20U20 UTC-FCU20U20 Datasheet
101Kb / 3P
SILICON DIODE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com